Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q64CSJS Datasheet(PDF) 64 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q64CSJS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q64CSJS Datasheet(HTML) 64 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q64CSJS Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSJS Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSJS Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSJS Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSJS Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSJS Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSJS Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSJS Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSJS Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q64C
64
Temperature Range E: Industrial (-40
℃ to +125℃)
Product Number
Density
Package Type
GD25Q64CSEG
64Mbit
SOP8 208mil
GD25Q64CSES
GD25Q64CPEG
64Mbit
DIP8 300mil
GD25Q64CPES
GD25Q64CFEG
64Mbit
SOP16 300mil
GD25Q64CFES
GD25Q64CQEG
64Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25Q64CQES
GD25Q64CWEG
64Mbit
WSON8 (6x5mm)
GD25Q64CWES
GD25Q64CYEG
64Mbit
WSON8 (8x6mm)
GD25Q64CYES
GD25Q64CZEG
64Mbit
TFBGA-24ball (6x4 Ball Array)
GD25Q64CZES
Temperature Range F: Industrial+ (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25Q64CSFG
64Mbit
SOP8 208mil
GD25Q64CSFS
GD25Q64CPFG
64Mbit
DIP8 300mil
GD25Q64CPFS
GD25Q64CFFG
64Mbit
SOP16 300mil
GD25Q64CFFS
GD25Q64CQFG
64Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25Q64CQFS
GD25Q64CWFG
64Mbit
WSON8 (6x5mm)
GD25Q64CWFS
GD25Q64CYFG
64Mbit
WSON8 (8x6mm)
GD25Q64CYFS
GD25Q64CZFG
64Mbit
TFBGA-24ball (6x4 Ball Array)
GD25Q64CZFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com