Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25S512MDFJS Datasheet(PDF) 86 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25S512MDFJS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25S512MDFJS Datasheet(HTML) 86 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25S512MDFJS Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFJS Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFJS Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFJS Datasheet HTML 82Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFJS Datasheet HTML 83Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFJS Datasheet HTML 84Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFJS Datasheet HTML 85Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFJS Datasheet HTML 86Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFJS Datasheet HTML 87Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 86 / 87 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25S512MD
86
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2018-1-17
1.1
Add E,3,2,A to the 7th code of ordering information
P74
2018-2-26
1.2
Modify the content @37H:34H of SFDP from 1FFFFFFFH to
0FFFFFFFH
Add the content @A3H:9CH of SFDP
P62
P66-67
2018-3-6
1.3
Modify SFDP: the content @13H from 03H to 05H
Modify tVSL min value from 5ms to 2.5ms
Add tRS, of which the min value is 100us
P60
P71
P74
2018-3-28
1.4
Modify SFDP @13H, 9AH, 9BH addr. Delete SFDP @9CH:A3H
addr.
Modify tw typ. value from 1ms to 5ms
P61, 67
P73
2018-5-2
1.5
Modify the note of QE bit
Modify Icc1 typ. value from 30uA to 24uA
Modify tPP typ. value from 0.6ms to 0.4ms
Modify tBE1 typ. value from 0.2s to 0.16s
Modify tBE2 typ. value from 0.3s to 0.22s
Modify tCE from 100-240s to 70-200s
Add DC/AC characteristics @-40℃~105℃
Update Ordering Information
P13
P72
P74
P74
P74
P74
P73, 75
P78-79
2018-7-4
1.6
Modify Figure 64 Program Security Registers command Sequence
Diagram (ADS=0)
Modify Figure 65 Program Security Registers command Sequence
Diagram (ADS=1)
Update DC/AC characteristics @-40℃~105℃
Add DC/AC characteristics @-40℃~125℃
Update Ordering Information
P58
P58
P74/76
P75/P77
P79
2018-9-25
1.7
Modify the description of DRV bits
P16
2019-4-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com