Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q127CSJS Datasheet(PDF) 16 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q127CSJS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q127CSJS Datasheet(HTML) 16 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q127CSJS Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSJS Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSJS Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSJS Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSJS Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSJS Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSJS Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSJS Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSJS Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 79 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q127C
16
W7-W0
Program/Erase
Suspend
75H
Program/Erase Resume
7AH
Release From Deep
Power-Down, And
Read Device ID
ABH
dummy
dummy
dummy
(DID7-
DID0)
(continuous)
Release From Deep
Power-Down
ABH
Deep Power-Down
B9H
Manufacturer/
Device ID
90H
dummy
dummy
00H
(MID7-
MID0)
(DID7-
DID0)
(continuous)
Manufacturer/
Device ID by Dual I/O
92H
A23-A8
A7-A0,
M7-M0
(MID7-
MID0)
(DID7-
DID0)
(continuous)
Manufacturer/
Device ID by Quad I/O
94H
A23-A0,
M7-M0
dummy
(10)(MID7-
MID0)
(DID7-
DID0)
(continuous)
Read Identification
9FH
(MID7-
MID0)
(JDID15-
JDID8)
(JDID7-
JDID0)
(continuous)
Read Serial Flash
Discoverable Parameter
5AH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(continuous)
Read Unique ID
4BH
dummy
dummy
dummy
dummy
(UID7-
UID0)
(continuous)
Erase Security
Registers(8)
44H
A23-A16
A15-A8
A7-A0
Program Security
Registers(8)
42H
A23-A16
A15-A8
A7-A0
D7-D0
D7-D0
Read Security
Registers(8)
48H
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
NOTE:
1. Dual Output data
IO0=(D6,D4,D2,D0)
IO1=(D7,D5,D3,D1)
2. Dual Input Address
IO0=A22,A20,A18,A16,A14,A12,A10,A8
A6,A4,A2,A0,M6,M4,M2,M0
IO1=A23,A21,A19,A17,A15,A13,A11,A9
A7,A5,A3,A1,M7,M5,M3,M1
3. Quad Output Data
IO0=(D4,D0,…..)
IO1=(D5,D1,…..)
IO2=(D6,D2,…..)
IO3=(D7,D3,…..)
4. Quad Input Address
IO0=A20,A16,A12,A8,
A4,A0,M4,M0
IO1=A21,A17,A13,A9,
A5,A1,M5,M1
IO2=A22,A18,A14,A10,A6,A2,M6,M2
IO3=A23,A19,A15,A11,A7,A3,M7,M3
5. Fast Read Quad I/O Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com