Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q64CPJS Datasheet(PDF) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q64CPJS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q64CPJS Datasheet(HTML) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q64CPJS Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CPJS Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CPJS Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CPJS Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CPJS Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CPJS Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CPJS Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CPJS Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CPJS Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 74 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q64C
63
9.1. Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Please contact GigaDevice regional sales for details if hardware RESET# PIN is required.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25Q64CSIG
64Mbit
SOP8 208mil
GD25Q64CSIS
GD25Q64CPIG
64Mbit
DIP8 300mil
GD25Q64CPIS
GD25Q64CFIG
64Mbit
SOP16 300mil
GD25Q64CFIS
GD25Q64CQIG
64Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25Q64CQIS
GD25Q64CWIG
64Mbit
WSON8 (6x5mm)
GD25Q64CWIS
GD25Q64CYIG
64Mbit
WSON8 (8x6mm)
GD25Q64CYIS
GD25Q64CZIG
64Mbit
TFBGA-24ball (6x4 Ball Array)
GD25Q64CZIS
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25Q64CSJG
64Mbit
SOP8 208mil
GD25Q64CSJS
GD25Q64CPJG
64Mbit
DIP8 300mil
GD25Q64CPJS
GD25Q64CFJG
64Mbit
SOP16 300mil
GD25Q64CFJS
GD25Q64CQJG
64Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25Q64CQJS
GD25Q64CWJG
64Mbit
WSON8 (6x5mm)
GD25Q64CWJS
GD25Q64CYJG
64Mbit
WSON8 (8x6mm)
GD25Q64CYJS
GD25Q64CZJG
64Mbit
TFBGA-24ball (6x4 Ball Array)
GD25Q64CZJS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com