Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q127CPJS Datasheet(PDF) 77 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q127CPJS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q127CPJS Datasheet(HTML) 77 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q127CPJS Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CPJS Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CPJS Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CPJS Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CPJS Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CPJS Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CPJS Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CPJS Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CPJS Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 77 / 79 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q127C
77
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2016-03-17
1.1
Modify SFDP table
P40-43
2016-05-31
1.2
Modify TFBGA-24Ball (6*4 ball array)
Delete Data Retention and endurance
Modify POWER-ON TIMING: VWI Min 1V Change to 1.5V.
Add Valid Part Numbers
Modify Features: Add Allows XIP(execute in place)operation
P60
P4
P44
P53
P4
2016-07-20
1.3
Update Table7.5. Parameter Table (1): GigaDevice Flash
Parameter Tables
P43
2016-08-26
1.4
Modify Package WSON8 8x6mm
P59
2016-12-15
1.5
Modify SRP1, SRP0 bits Notes
Modify ORDERING INFORMATION
Update WSON8(6*5mm)
Update WOSN8(8*6mm)
P13
P51
P57
P58
2017-02-23
1.6
Update ORDERING INFORMATION
P51
2017-03-08
1.7
Add
Packing Type of “T or no mark: Tube” in the Ordering
Information
Update the Package descriptions
P52
P54-56, 58-60
2017-09-26
1.8
Modify VCC from
“-0.6 to 4.0” to “-0.6 to 4.2”
Add Icc8. The max value of Icc8 is 25mA for Normal Mode and
15mA for Low Power Mode
Delete tRST_R and tRST_P
Add tRST. The max of tRST is 30us for Normal Mode and 50us
for Low Power Mode
P44
P46, 47
P48, 50
P48, 50
2017-10-23
1.9
Add 4BH command
Modify tVSL min value from 5ms to 2.5ms
Add tRS, min = 100us
Modify tRB from 5/60us to 12ms
Update the description of all the packages
Normal Mode -40
℃~85℃ :
Modify Icc4-8 max. value from 25mA to 27mA
Modify tPP typ. value from 0.6s to 0.5s
Modify tBE1 from 0.2s~1s to 0.16s~0.8s
Modify tCE from typ. value from 60s to 50s
Low Power Mode -40
℃~85℃ :
Modify Deep Power-Down Current from 0.1~1uA to 1~5uA
Modify Icc3@104MHz max value from 18mA to 20mA
Modify Icc3@80MHz max value from 15mA to 18mA
Modify Icc4-8 max value from 15mA to 25mA
P39
P45
P53, 55
P49
P58-64
P47
P50
P50
P50
P48
P48
P48
P48
2018-07-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com