Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25S512MDFES Datasheet(PDF) 82 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25S512MDFES
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25S512MDFES Datasheet(HTML) 82 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25S512MDFES Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFES Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFES Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFES Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFES Datasheet HTML 82Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFES Datasheet HTML 83Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFES Datasheet HTML 84Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFES Datasheet HTML 85Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFES Datasheet HTML 86Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 87 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25S512MD
82
9.1.
Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40℃ to +85℃)
Product Number
Density
Package Type
GD25S512MDFIG
512Mbit
SOP16 300mil
GD25S512MDFIS
GD25S512MDFIR
GD25S512MDYIG
512Mbit
WSON8 (8x6mm)
GD25S512MDYIS
GD25S512MDBIG
512Mbit
TFBGA-24ball (5x5 Ball Array)
GD25S512MDBIS
GD25S512MDBIR
Temperature Range J: Industrial (-40℃ to +105℃)
Product Number
Density
Package Type
GD25S512MDFJG
512Mbit
SOP16 300mil
GD25S512MDFJS
GD25S512MDFJR
GD25S512MDYJG
512Mbit
WSON8 (8x6mm)
GD25S512MDYJS
GD25S512MDBJG
512Mbit
TFBGA-24ball (5x5 Ball Array)
GD25S512MDBJS
GD25S512MDBJR
Temperature Range E: Industrial (-40℃ to +125℃)
Product Number
Density
Package Type
GD25S512MDFEG
512Mbit
SOP16 300mil
GD25S512MDFES
GD25S512MDFER
GD25S512MDYEG
512Mbit
WSON8 (8x6mm)
GD25S512MDYES
GD25S512MDBEG
512Mbit
TFBGA-24ball (5x5 Ball Array)
GD25S512MDBES
GD25S512MDBER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com