Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q127CWJS Datasheet(PDF) 12 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q127CWJS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q127CWJS Datasheet(HTML) 12 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q127CWJS Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CWJS Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CWJS Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CWJS Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CWJS Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CWJS Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CWJS Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CWJS Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CWJS Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 79 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q127C
12
1
1
1
1
0
0
000000H-007FFFH
32KB
Bottom Block
Table 5.2. GD25Q127C Protected area size (CMP=1)
Status Register Content
Memory Content
BP4
BP3
BP2
BP1
BP0
Blocks
Addresses
Density
Portion
X
X
0
0
0
0 to 255
000000H-FFFFFFH
ALL
ALL
0
0
0
0
1
0 to 251
000000H-FBFFFFH
16128KB
Lower 63/64
0
0
0
1
0
0 to 247
000000H-F7FFFFH
15872KB
Lower 31/32
0
0
0
1
1
0 to 239
000000H-EFFFFFH
15MB
Lower 15/16
0
0
1
0
0
0 to 223
000000H-DFFFFFH
14MB
Lower 7/8
0
0
1
0
1
0 to 191
000000H-BFFFFFH
12MB
Lower 3/4
0
0
1
1
0
0 to 127
000000H-7FFFFFH
8MB
Lower 1/2
0
1
0
0
1
4 to 255
040000H-FFFFFFH
16128KB
Upper 63/64
0
1
0
1
0
8 to 255
080000H-FFFFFFH
15872KB
Upper 31/32
0
1
0
1
1
16 to 255
100000H-FFFFFFH
15MB
Upper 15/16
0
1
1
0
0
32 to 255
200000H-FFFFFFH
14MB
Upper 7/8
0
1
1
0
1
64 to 255
400000H-FFFFFFH
12MB
Upper 3/4
0
1
1
1
0
128 to 255
800000H-FFFFFFH
8MB
Upper 1/2
X
X
1
1
1
NONE
NONE
NONE
NONE
1
0
0
0
1
0 to 255
000000H-FFEFFFH
16380KB
L-4095/4096
1
0
0
1
0
0 to 255
000000H-FFDFFFH
16376KB
L-2047/2048
1
0
0
1
1
0 to 255
000000H-FFBFFFH
16368KB
L-1023/1024
1
0
1
0
X
0 to 255
000000H-FF7FFFH
16352KB
L-511/512
1
0
1
1
0
0 to 255
000000H-FF7FFFH
16352KB
L-511/512
1
1
0
0
1
0 to 255
001000H-FFFFFFH
16380KB
U-4095/4096
1
1
0
1
0
0 to 255
002000H-FFFFFFH
16376KB
U-2047/2048
1
1
0
1
1
0 to 255
004000H-FFFFFFH
16368KB
U-1023/1024
1
1
1
0
X
0 to 255
008000H-FFFFFFH
16352KB
U-511/512
1
1
1
1
0
0 to 255
008000H-FFFFFFH
16352KB
U-511/512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com