Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR730FZ2H7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STR730FZ2H7
Description  ARM7TDMI 32-BIT MCU WITH FLASH, 3x CAN, 4 UARTs, 20 TIMERS, ADC, 12 COMM. INTERFACES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR730FZ2H7 Datasheet(HTML) 1 Page - STMicroelectronics

  STR730FZ2H7 Datasheet HTML 1Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 2Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 3Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 4Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 5Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 6Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 7Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 8Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
July 2005
1/22
This is preliminary information on a new product now in development. Details are subject to change without notice.
Rev. 1
STR73xF
ARM7TDMI™ 32-BIT MCU WITH FLASH, 3x CAN,
4 UARTs, 20 TIMERS, ADC, 12 COMM. INTERFACES
DATA BRIEF
■ Core
– ARM7TDMI 32-bit RISC CPU
– 32 MIPS @ 36 MHz
■ Temperature Range
– Operating temperature range -40 to 105 °C
■ Memories
– Up to 256 Kbytes FLASH program memory
(10,000 cycles endurance, data retention 20
years at 55°C)
– 16 Kbytes RAM
■ Clock, Reset and Supply Management
– 4.5 - 5.5V application supply and I/O interface
– Embedded 1.8V regulator for core supply
– Embedded oscillator running from external
4-8MHz crystal or ceramic resonator
– Up to 36 MHz CPU freq. with internal PLL
– Internal RC oscillator 32kHz or 2MHz soft-
ware configurable for fast startup and backup
clock
– Realtime Clock for clock-calendar function
– Wakeup Timer driven by internal RC for wake-
up from STOP mode
– 5 power saving modes: SLOW, WAIT,
LPWAIT, STOP and HALT modes
■ Nested interrupt controller
– Fast interrupt handling with multiple vectors
– 64 maskable IRQ with 64 vectors and
16 priority levels
– 2 maskable FIQ sources
– 16 external interrupts and up to 32 wake up
lines
■ Up to 112 I/O ports
– 72/112 multifunctional bidirectional I/O lines
■ DMA
– 4 DMA controllers with 4 channels each
■ Timers
– 16-bit watchdog timer (WDG)
– 6/10 16-bit timers (TIM) each with: 2 input
captures, 2 output compares, PWM and pulse
counter modes
– 6 16-bit PWM modules (PWM)
– 3 16-bit timebase timers with 8-bit prescalers
■ 12 Communications Interfaces
–2 I2C interfaces
– 4 UART asynchronous serial communications
interfaces
– 3 BSPI synchronous serial interfaces
–Up to 3 CAN interfaces (2.0B Active)
■ 10-bit A/D Converter
– 12/16 channels
– Conversion time: min 3µs, range: 0 to 5V
■ Development Tools Support
– JTAG interface
Table 1. Device Summary
TQFP144
20 x 20
TQFP100 14 x 14
LFBGA144 10 x 10 x 1.7
Features
STR730FZx
STR735FZx
STR731FVx
STR736FVx
FLASH memory - bytes
128K
256K
128K
256K
64K
128K
256K
64K
128K
256K
RAM - bytes
16K
16K
Peripheral Functions
10 TIM Timers, 112 I/Os, 32
Wake-Up lines, 16 ADC channels
6 TIM Timers, 72 I/Os, 18 Wake-Up lines,
12 ADC channels
CAN Peripherals
3
0
3
0
Operating Voltage
4.5 to 5.5V (optional 1.8V for core)
Operating Temperature
-40 to +105°C
Packages
T=TQFP144 20 x 20
H=LFBGA144 10 x10
T=TQFP100 14x14
1


Similar Part No. - STR730FZ2H7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR730FZ2H7 STMICROELECTRONICS-STR730FZ2H7 Datasheet
663Kb / 40P
ARM7TDMI-TM 32-bit MCU with Flash, 3X CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
08-Mar-2006
STR730FZ2H7 STMICROELECTRONICS-STR730FZ2H7 Datasheet
1Mb / 53P
ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
08-Sep-2006
STR730FZ2H7 STMICROELECTRONICS-STR730FZ2H7 Datasheet
1Mb / 52P
ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
08-Jun-2008
More results

Similar Description - STR730FZ2H7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
19-Apr-2005
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
19-Apr-2005
STR73XF STMICROELECTRONICS-STR73XF Datasheet
663Kb / 40P
ARM7TDMI-TM 32-bit MCU with Flash, 3X CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
08-Mar-2006
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
22-May-2006
STR73XF_0609 STMICROELECTRONICS-STR73XF_0609 Datasheet
1Mb / 53P
ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
08-Sep-2006
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
20-Mar-2007
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
13-Feb-2008
STR73XFXX STMICROELECTRONICS-STR73XFXX Datasheet
1Mb / 52P
ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
08-Jun-2008
STM32F091XB STMICROELECTRONICS-STM32F091XB Datasheet
1Mb / 127P
ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
17-Dec-2015
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
03-Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com