Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM106ID Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSM106ID
Description  Dual Operational Amplifier and Voltage Reference
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM106ID Datasheet(HTML) 2 Page - STMicroelectronics

  TSM106ID Datasheet HTML 1Page - STMicroelectronics TSM106ID Datasheet HTML 2Page - STMicroelectronics TSM106ID Datasheet HTML 3Page - STMicroelectronics TSM106ID Datasheet HTML 4Page - STMicroelectronics TSM106ID Datasheet HTML 5Page - STMicroelectronics TSM106ID Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM106
Absolute Maximum Ratings
2/6
1 Absolute Maximum Ratings
2 Electrical Characteristics
Table 1: Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
36
V
Vid
Differential Input Voltage
36
V
Vi
Input Voltage
-0.3 to Vcc + 0.3V
V
Toper
Operating Free-air Temperature Range
-40 to +105
°C
Tj
Maximum Junction Temperature
150
°C
Rthja
Thermal Resistance Junction to Ambient (SO package)
175
°C/W
Tl
Maximum Lead Temperature (10 seconds maximum)
260
°C
ESD
Electrostatic Discharge Protection
1.5
kV
Table 2: General electrical characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Total Supply Current
Vcc+ = 5V, no load
Tmin. < Tamb < Tmax.
Vcc+ = 30V, no load
Tmin. < Tamb < Tmax
2.5
5.5
4.5
6
8.5
10
mA
Table 3: Electrical characteristics for operator 2 (independant op-amp): VCC+ = +5V, VCC =
Ground, Vo = 1.4V,Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage
Vicm = 0V
Tamb = 25°
Tmin. ≤ Tamb ≤ Tmax.
1
4
5
mV
DVio
Input Offset Voltage Drift
7
µV/°C
Iio
Input Offset Current
Tmin. ≤ Tamb ≤ Tmax.
2
75
150
nA
Iib
Input Bias Current
Tmin. ≤ Tamb ≤ Tmax
20
150
200
nA
Avd
Large Signal Voltage Gain
VCC = 15V, RL = 2k, Vo = 1.4V to 11.4V
Tmin. ≤ Tamb ≤ Tmax.
50
25
100
V/mV
SVR
Supply Voltage Rejection Ratio
VCC = 5V to 30V
65
100
dB
Vicm
Input Common Mode Voltage Range
VCC = +30V - see note
1
Tmin. ≤ Tamb ≤ Tmax.
0
0
(VCC+) -1.5
(VCC
+) -2
V
CMR
Common Mode Rejection Ratio
Tmin. ≤ Tamb ≤ Tmax.
70
60
85
dB
Isource
Output Current Source
VCC = +15V, Vo = 2V, Vid = +1V
20
40
mA
Io
Short Circuit to Ground
VCC = +15V
40
60
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com