Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2513 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2513
Description  Dual/Single USB Charger Port Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2513 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2513 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2513 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2513 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2513 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2513 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2513 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Absolute Maximum Ratings
Symbol
Parameter
Maximum
Units
VDP1
DP1端到GND电压
0.3~7V
V
VDM1
DM1端到GND电压
0.3~7V
V
VDP2
DP2端到GND电压
0.3~7V
V
VDM2
DM2端到GND电压
0.3~7V
V
VIN
IN端到GND电压
0.3~7V
V
VHBM
ESD电压(人体模式)
2
KV
VMM
ESD电压(机械模式)
200
V
TA
工作温度范围
-40~120
℃
TS
存储温度范围
-55~150
℃
Note:超出此范围将对器件造成不可恢复的损坏。
Electrical Characteristics
(VIN=5V, TA = -35 to 85°C, unless otherwise specified. Typical values are at TA=25℃)
Symbol
Test Conditions
Min
Typ
Max
Unit
IIN
VIN=5V
155
200
uA
UVLO
VUVLO
3.9
4.1
4.3
V
VUVLO
100
mV
BC 1.2 DCP Mode (Short Mode)
RDPM_SHORT1
VDP1=0.8V,IDM1=1mA
157
200
Ω
RDCHG_SHORT1
VDP1=0.8V
350
656
1150
KΩ
VDPL_TH_DETACH1
0.31
0.33
0.35
V
Vhyst
50
mV
RDPM_SHORT2
VDP2=0.8V,IDM2=1mA
157
200
Ω
RDCHG_SHORT2
VDP2=0.8V
350
656
1150
KΩ
VDPL_TH_DETACH2
0.31
0.33
0.35
V
HM2513/HM2515
Dual/Single USB Charger Port Controller



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com