Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM6342AD Datasheet(PDF) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM6342AD
Description  12V/1A power adapter application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM6342AD Datasheet(HTML) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM6342AD Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6342AD Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6342AD Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RM6342AD
12V1A 电源适配器应用方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
系统 BOM 清单:
序号
元件名称
规格型号
用量
位号
封装要求
1
保险丝
250V,1A
1
F1
DIP
2
贴片电阻
2.7MΩ,0.125W,±5%,
2
R1 R2
SMD0805
3
贴片电阻
180KΩ,0.25W,±5%,
2
R3 R3A
SMD1206
4
贴片电阻
2.2Ω,0.25W,±5%
1
R4
SMD1206
5
贴片电阻
330Ω,0.125W,±5%,
1
R5
SMD0805
6
贴片电阻
3.3Ω,0.125W,±1%,
1
R6A
SMD0805
7
贴片电阻
2.0Ω,0.25W,±1%,
1
R6
SMD1206
8
贴片电阻
10Ω,0.25W,±5%,
1
R7
SMD1206
9
贴片电阻
680Ω, 0.125W,±5%
1
R9
SMD0805
10
贴片电阻
3.3KΩ,0.125W,±1%
1
R11
SMD0805
11
贴片电阻
10KΩ,0.125W,±1%
1
R12
SMD0805
12
贴片电阻
39KΩ,0.125W,±1%
1
R13
SMD0805
13
电解电容
4.7μF,400V,±10%,
1
C1
DIPΦ10*17mm
14
电解电容
15μF,400V,±10%,
1
C2
DIPΦ10*17mm
15
贴片电容
2.2nF,630V,±10%
1
C3
SMD1206
16
电解电容
6.8μF,50V,±10%
1
C4
DIPΦ5*11mm
17
贴片电容
22nF,25V,±10%
1
C5
SMD0805
18
电解电容
470μF,16V,±10%,
2
C6 C7
DIPΦ8*12mm
19
贴片电容
100nF,25V,±10%
1
C8
SMD0805
20
贴片电容
1nF,630V,±10%
1
C9
SMD0805
21
贴片二极管
RS1M,1A,1KV
1
D1
DO-214AC
22
贴片二极管
A7,0.5A,1KV
1
D2
SMD1206
23
二极管
SB3100,3A,100V
1
D3
DO-201AD
24
Y 电容
2.2nF,400V,±20%,
1
CY1
DIP
25
整流桥
MB6F,1A,600V
1
BD1
SOP-4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com