Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2602 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2602
Description  Highly Efficient Single-Phase Full-wave FAN Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2602 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2602 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2602 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2602 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2602 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2602 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2602 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2602 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2602 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2602 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical Characteristics(Unless otherwise specified, Ta = 25℃, VCC = 12 V)
Parameter
Symbol
Condition
Ratings
Unit
Min.
Typ.
Max.
Power supply current
ICC
Working
-
5
8
mA
Output Block
Source
Ron (H)
IO = 0.5A
-
0.7
1.2
Ω
Sink
Ron (L)
IO = 0.5A
-
0.5
0.8
Ω
Source + sink
Ron (H+L)
IO = 0.5A
-
1.2
2
Ω
6V Regulator Block
Regulator voltage
VREG6
5.7
6
6.3
V
Regulator output current
Iv6out(1)
VREG6=6V
10
mA
HB Voltage
HB voltage
HB
I HB=5mA
1.25
V
Hall input pin
Hall sensor input sensitivity
VHN
Zero peak value
(including offset
and hysteresis)
10
20
mV
Analog I/O Section
Analog Input range
0
6.3
V
PWM
PWM PIN Frequency
PWM
21K
25K
28K
Hz
SMIN Block
VPWM High Level Voltage
VPWMH
3.48
3.66
3.84
V
VPWM Low Level Voltage
VPWML
1.71
1.8
1.89
V
FG Output Pin
FG output pin low-level voltage
VFG
When IO = 5mA
-
0.1
0.2
V
Thermal Protection Circuit
Thermal
protection
circuit
operating temperature
TSD
Design target
-
170
-
℃
Temperature hysteresis width
ΔTSD
Design target
-
15
-
℃
Low-Voltage Detection
Low voltage detection voltage
UVLO
3.5
V
1. This current is output of internal LDO. Please do not exceed the maximum value specified.
HM2602



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com