Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM9003B Datasheet(PDF) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM9003B
Description  High-voltage linear E27/120V/ 6W thyristor dimming filament lamp solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM9003B Datasheet(HTML) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM9003B Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RM9036B
高压线性 E27/120V/ 6W 可控硅调光灯丝灯方案
陕西亚成微电子股份有限公司
Rev 2017.10
http: // www.reactor-micro.com
系统 BOM 清单:
位号
元件类型
规格描述
封装尺寸
数量
厂家
U1
IC
RM9003B
SOT89-3
1
亚成微
U2
IC
RM9036B
ESOP-8
1
亚成微
FR1
绕线保险电阻
100R,1W
DIP
1
BD1
整流桥
LX10M,1000V,1A
SOP-4
1
D1
二极管
A7,1000V,1A
SMA
1
D2
稳压管
2.7V
SMD1206
1
R1,R2
贴片电阻
4.99K,1/4W,±1%
SMD1206
2
R3
贴片电阻
55R,1/8W,±5%
SMD0805
1
R4
贴片电阻
12R,1/4W,±5%
SMD1206
1
R5
贴片电阻
560K,1/4W,±5%
SMD1206
1
R6
贴片电阻
2.7R,1/4W,±5%
SMD1206
1
R7
贴片电阻
180K,1/8W,±5%
SMD0805
1
R8
贴片电阻
27K,1/8W,±5%
SMD0805
1
R9
贴片电阻
19R,1/4W,±5%
SMD1206
1
R10
直插电阻
4.3K,1W
DIP
1
C1
CBB 电容
220nF,250V,±5%
DIP
1
EC1
电解电容
15uF,160V,±5%
DIP
1
C2
贴片电容
2.2uF,25V,±5%
SMD1206
1
LED 灯丝
65V,12mA,两串两并
4
备注:抗浪涌电阻直接接在交流输入线上,见原理图连接方式。



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com