Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2730 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2730
Description  High precision non-isolated buck driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2730 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2730 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2730 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2730 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2730 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2730 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2730 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2730 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2730 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2730 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
HM2730
高精度非隔离降压驱动器
最大额定值
(注)
参数
范围
VDD电源端
-0.3 V to VDDCLAMP
CS电流采样电压
-0.3 V to 7 V
COMP端口电压
-0.3 V to 7 V
ENB端口电压
-0.3 V to 7 V
DRAIN端口电压
-0.3 V to BVDS
工作结温范围
-40
to 150
℃℃
最低
/最高存储温度
-55
to 150
℃℃
封装耗散等级
封装
RθJA (/W)
℃
DIP8
75
注:DRAIN 端连接 100mm2 的铜焊盘
超出
“最大额定值”可能损毁器件。推荐工作范围内器件可以工作,但不保证其特性。运行在最大额定条件下长时间
可能会影响器件的可靠性。
推荐功率范围
封装
推荐使用功率范围
备注
DIP8
12V400mA/18V300mA
Vin=90~264V 环境温度80°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com