Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1153 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1153
Description  6-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1153 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW1153 Datasheet HTML 3Page - New Japan Radio NJW1153 Datasheet HTML 4Page - New Japan Radio NJW1153 Datasheet HTML 5Page - New Japan Radio NJW1153 Datasheet HTML 6Page - New Japan Radio NJW1153 Datasheet HTML 7Page - New Japan Radio NJW1153 Datasheet HTML 8Page - New Japan Radio NJW1153 Datasheet HTML 9Page - New Japan Radio NJW1153 Datasheet HTML 10Page - New Japan Radio NJW1153 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
NJW1153
– 7 –
TERMINAL DESCRIPTION
PIN
NO.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
TERMINAL
DC
VOLTAGE
32
33
34
35
36
37
38
39
40
41
42
43
LAIN
RAIN
CAIN
SLAIN
SRAIN
SWAIN
LBIN
RBIN
CBIN
SLBIN
SRBIN
SWBIN
Multi Channel Lch Input A
Multi Channel Rch Input A
Multi Channel Cch Input A
Multi Channel SLch Input A
Multi Channel SRch Input A
Multi Channel SWch Input A
Multi Channel Lch Input B
Multi Channel Rch Input B
Multi Channel Cch Input B
Multi Channel SLch Input B
Multi Channel SRch Input B
Multi Channel SWch Input B
0
44
SurTC
Switching Noise Rejection Capacitor
V-
48
64
FIL1_L
FIL1_R
Lch Treble Filter Terminal
Rch Treble Filter Terminal
0
49
50
LOUT
ROUT
Lch Output
Rch Output
0
V- (SUB)
300
V+
50K
V- (SUB)
V+
60K
V-
V+
6
12K
16
10
GND
V+
V- (SUB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com