Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM3085 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3085
Description  짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3085 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3085 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Maximum Data Rate
f MAX
1000
Kbps
Driver Enable to Output High
t DZH
Figure 4, CL =100pF, S2 closed
2500
ns
Driver Enable to Output Low
t DZL
Figure 4, CL =100pF, S1 closed
2500
ns
Driver Disable Time from Low
t DLZ
Figure 4, CL = 15pF,
S1 closed
100
ns
Driver Disable Time from High
t DHZ
Figure 4, CL = 15pF,S2 closed
100
ns
Receiver Input to Output
t RPLH,
t RPHL
Figure 5, | VID |≧2.0V rise and fall
time of VID≦15ns
127
200
ns
|tRPLH –tRPHL| Differential Receiver
Skew
t RSKD
Figure 5, | VID |≧2.0V rise and fall
time of VID≦15ns
3±30
ns
Receiver Enable to Output Low
t RZL
Figure 2, CL =100pF, S1 closed
20
50
ns
Receiver Enable to Output High
t RHZ
Figure 2, CL =100pF, S2 closed
20
50
ns
Receiver Disable Time from Low
t RLZ
Figure 2, CL =100pF, S1 closed
20
50
ns
Receiver Disable Time from High
t RHZ
Figure 2, CL =100pF, S2 closed
20
50
ns
Time to Shutdown
t SHDN
(Note 4)
50
200
600
ns
Driver Enable from
Shutdown-to-Output High
t DZH(SHDN)
Figure 4, CL = 15pF,S2 closed
4500
ns
Driver Enable from
Shutdown-to-Output Low
t DZL(SHDN)
Figure 4, CL = 15pF,S1 closed
4500
ns
Receiver Enable from
Shutdown-to-Output High
t RZH(SHDN)
Figure 2, CL =100pF,S2 closed
3500
ns
Receiver Enable from
Shutdown-to-Output Low
t RZL(SHDN)
Figure 2, CL =100pF,S1 closed
3500
ns
Note 1: All currents into the device are positive; all currents out of the device are negative. All voltages are referred to device
ground unless otherwise noted.
Note 2: ΔVOD and ΔVOC are the changes in VOD and VOC, respectively, when the DI input changes state.
Note 3: Maximum current level applies to peak current just prior to fold-back current limiting; minimum current level applies
during current limiting.
Note 4: The device is put into shutdown by bringing
R E
high and DE low. If the enable inputs are in this state for less than 50ns,
the device is guaranteed not to enter shutdown. If the enable inputs are in this state for at least 600ns, the device is
guaranteed to have entered shutdown.
HM3085



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com