Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM3111 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3111
Description  Low voltage 5V DC motor drive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3111 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3111 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3111 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3111 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3111 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3111 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3111 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3111 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3111 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3111 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
第4页
时序要求
TA = 25
°C, VCC = 5 V, RL = 20 Ω
参数
条件
范围
单位
最小
最大
T1
启动时间
300
ns
T2
关断时间
300
ns
T3
输入高到输出高延迟
160
ns
T4
输入低到输出低延迟
160
ns
T5
输出上升沿
30
188
ns
T6
输出下降沿
30
188
ns
图 2
HM3111 输入输出时间参数 1
图 3
1HM3111 输入输出时间参数 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com