Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM3345 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3345
Description  Step-up, step-down, step-up and step-down LED driver chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3345 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3345 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3345 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3345 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3345 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3345 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3345 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3345 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3345 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
电气参数(注 4, 5) (无特别说明情况下,V
OUT
=15V,TA=25℃)
符号
描述
条件
最小值
典型值
最大值
单位
电源电压
VIN
输入电压
3
70
V
VDD_ON
VDD 启动电压
VDD 上升
2.5
V
VDD_UVLO,HYS
VDD 欠压保护迟滞电压
VDD 下降
200
mV
VDD_Reg
芯片内部电源输出电压
VOUT=6V
4.9
V
工作电流及频率
ISD
静态电流(关机)
VDIM=0V
80
μA
IQ
静态电流(无开关动
作)
VCOMP=0V
200
μA
fSW
开关频率
420
KHz
Dmax
最大占空比
VOUT-VCS=0.1V
85
%
过压保护
VOVP
过压保护电压
1.2
V
使能
/调光
VEN
使能电压
DIM 上升
0.4
V
VEN_HYS
使能迟滞
200
mV
IDIM
DIM 端上拉电流
DIM=0V
1.3
μA
VDIM_LOW
DIM 模拟调光下限电压
0.55
V
VDIM_HIGH
DIM 模拟调光上限电压
1.75
V
fDIM
PWM 调光频率范围
0.1
1
kHz
TShutDown
DIM 关机延时
DIM 为低
15
ms
电流采样
VOUT-VCS
采样电压
200
mV
功率管
Rdson
功率管导通电阻
ID=200mA
300
mΩ
Ilim
限流保护
3
A
BVDSS
功率管的击穿电压
VGS=0V/IDS=10uA
80
V
过热调节
TThermal
过热调节起始温度
140
°C
注 4:典型参数值为 25
˚C 下测得的参数标准。
注 5:规格书的最小、最大规范范围由测试保证,典型值由设计、测试或统计分析保证。
升压型、降压型、升降压型
LED 驱动芯片



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com