Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGU-40C Datasheet(PDF) 2 Page - PAIRUI GROUP INC.

Part # LGU-40C
Description  LED Power Supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LGU-40C Datasheet(HTML) 2 Page - PAIRUI GROUP INC.

  LGU-40C Datasheet HTML 1Page - PAIRUI GROUP INC. LGU-40C Datasheet HTML 2Page - PAIRUI GROUP INC. LGU-40C Datasheet HTML 3Page - PAIRUI GROUP INC. LGU-40C Datasheet HTML 4Page - PAIRUI GROUP INC. LGU-40C Datasheet HTML 5Page - PAIRUI GROUP INC. LGU-40C Datasheet HTML 6Page - PAIRUI GROUP INC. LGU-40C Datasheet HTML 7Page - PAIRUI GROUP INC. LGU-40C Datasheet HTML 8Page - PAIRUI GROUP INC. LGU-40C Datasheet HTML 9Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PRODUCT SPECIFICATION
led power supplies
LED Power Supplies for Outdoor Use
LGU-40C SERIES, 40WATT, IP67 RATING
Features
5 Year Warranty
Universal Input Voltage Range: 90~305Vac
High PF up to 0.99
Rating IP67, Suitable for Outdoor Applications
All Round Protections: Short Circuit, Over Voltage,
Over Current, Over Temperature
Applications
√
Street Light
Tunnel Light
Flood Light
Electrical
Refrigeration Equipment
√
√
√
Constant Current Output Mode
Other Light Fixtures for Outdoor Use
√
www.pairuigroup.com
Page:1/7
PAIRUI ELECTRONICS
0-10V Dimming Optional
Updated 2019-V1.1-0311
LG
U
- C 700
R
40
Series Name
C = Constant Current Mode
Output Mode
Output Power(W)
Input Voltage Range
U = 90-305Vac
Output Current(mA)
Ripple
Blank = High Ripple
R =Low Ripple
D
Dimming
Blank = No Dimming
D = 0-10V Dimming
- K1
Size Code



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com