Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM3412 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3412
Description  6V 6.0A 1.2MHz Synchronous Step-Down Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3412 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3412 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TYPICAL OPERATING CHARACTERISTICS
CIN=22μFx2, COUT=22μFx2, L=0.47μH, Tested under TA=25C, unless otherwise specified
Efficiency vs. Load Current
Efficiency vs. Load Current
Efficiency vs. Load Current
Output Voltage vs. Output Current
Output Voltage vs. Input Voltage
Temperature vs. Output Voltage
VEN Control Power On
VEN Control Power Off
6V 6.0A 1.2MHz Synchronous Step-Down Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com