Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R310 Datasheet(PDF) 3 Page - REYCONNS CHINA LIMITED

Part # R310
Description  SAW Resonator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REYCONNS [REYCONNS CHINA LIMITED]
Direct Link  http://www.reyconns.com/en/
Logo REYCONNS - REYCONNS CHINA LIMITED

R310 Datasheet(HTML) 3 Page - REYCONNS CHINA LIMITED

  R310 Datasheet HTML 1Page - REYCONNS CHINA LIMITED R310 Datasheet HTML 2Page - REYCONNS CHINA LIMITED R310 Datasheet HTML 3Page - REYCONNS CHINA LIMITED R310 Datasheet HTML 4Page - REYCONNS CHINA LIMITED R310 Datasheet HTML 5Page - REYCONNS CHINA LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
REYCONNS
SAW Resonator
R310
REYCONNS CHINA LIMITED
www.reyconns.com
Performance
Maximum Rating
Item
Value
Unit
DC Voltage
VDC
±30
V
Operation Temperature
T
-40 ~ +85
℃
Storage Temperature
Tstg
-55 ~ +125
℃
RF Power Dissipation
P
10
dBm
Electronic Characteristics
Test Temperature: 25℃±2℃
Terminating source impedance: 50Ω
Terminating load impedance: 50Ω
Item
Minimum
Typical
Maximum
Unit
Absolute Frequency
fc
310.00
MHz
Center
Frequency
Tolerance from 303.875MHz
△
fc
±75
KHz
Insertion Loss(min)
IL
1.5
2.0
dB
Unloaded Q
QU
12310
Quality Factor
50
Ω Loaded Q
QL
1405
Turnover Temperature
T0
25
40
55
℃
Temperature
Stability
Frequency Temperature Coefficient
FTC
0.032
ppm/℃
Frequency
Aging
Absolute Value during the First Year
|fA|
≤10
ppm/yr
DC Insulation Resistance between Any Two Pins
1.0
M
Ω
Motional Resistance
RM
14.5
18.0
Ω
Motional Inductance
LM
81.2
µH
Motional Capacitance
CM
3.2
fF
RF
Equivalent
RLC
Model
Static Capacitance
C0
4.2
4.5
4.8
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com