Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4031 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4031
Description  Switch boost type lithium battery charge management chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4031 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4031 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4031 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4031 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4031 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4031 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4031 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4031 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
电气参数
典型情况 Temp=25℃ VCC=10V
参数
符号
测试条件
最小
典型
最大
单位
输入电流
VCC 供电电流
IVCC
开关模式
5
mA
电压调整
输出恒压
VOREG
两节电池
8.4
V
三节电池
12.6
输出恒压精度
-1%
+1%
电流调整
检测电阻
RSNS 两
端电压
VIdect
快速充电
预充电
预充电检测 电阻
RSNS 两端电压
VIPRE
预充电
10
mV
预充电转快 充阈
值电压
VLOWV
2节电池
充电截止
充电截止检 测电
阻
RSNS 两端电压
VITERM
快速充电
12
mV
STAT1 和 STAT2 驱动输出
高电平输出 饱和
电流
STATx
IO
输出电压
5V
40 mA
PWM
开关振荡频率
FOSC
最大占空比
DMAX
最小占空比
DMIN
0
%
3节锂电池
6
9
V
250
78
KHz
%
50
40
mV
HM4031
HM4032
HM4031/2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com