Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4033 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4033
Description  PFM Step-up Battery Charger Controller IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4033 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4033 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ELECTRICAL CHARACTERICS
(VIN = 12V,TA=-40°C to +85°C,Typical values are at TA=+25°C, unless otherwise noted)
Parameters
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Voltage Range
VIN
4
28
V
Switching Frequency
fSW
1
MHz
Operating Current
IVIN
VFB=1.25V,No Switching
395
515
635
uA
Inductor Current Sense Comparator
Sense Threshold High
VCSHI
(VIN - VCSN) rises from 0V,
until VDRV <0.5V
120
150
180
mV
Sense Threshold Low
VCSLO
(VIN - VCSN) falls from 0.2V
until VDRV> (VCC-0.5V)
96
120
144
mV
Propagation Delay to
Output High
tDPDH
(VIN - VCSN) from 0.2V to
0.07V
82
ns
Propagation Delay to
Output Low
tDPDL
(VIN-VCSN) from 0V to 0.2V
82
ns
CSN Input Current
ICSN
1
uA
FB Pin
FB Charge Termination
Threshold
Vterm
FB voltage rises
1.19
1.205
1.22
V
FB Recharge Threshold
Vrech
FB voltage falls
1.13
1.155
1.18
V
FB Current
IFB
-
100
+
100
nA
DRV Pin
Source Current
VCSN=VIN, VDRV=0.5×VCC
0.5
A
Sink Current
VCSN=VIN-0.22V,
VDRV=0.5×VCC
1
A
Output Voltage High
VOH
IDRV=5mA
VCC-0.5
V
Output Voltage Low
VOL
IDRV=-10mA
0.5
V
VCC Pin
Regulation Voltage
VCC
IVCC=0.1mA to 5mA,
VIN=5.5V to 30V
4.5
5.5
V
Load Regulation
IVCC=0.1mA to 5mA,
5
ohm
Line Regulation
VIN=6Vto 28V,IVCC=3mA
6
mV
PSRR
PSRR
IVCC=3mA,fIN=10kHz
-
35
dB
Start Time
tSTART
VCC=0 to 4.5V
350
us
Detailed Description
The
HM4033 is a step up battery charger controller IC which operates from an input voltage of 4V to 28V. The
HM4033includes an on-chip reference voltage, +5V voltage regulator, inductor current sensing, battery voltage
monitoring and N-channel MOSFET driving blocks, etc, which makes the
HM4033 easy to be used with few
external components.
The
HM4033 enters charge mode on power up, the external N-channel MOSFET is turned on, inductor current
rises. When the inductor current rises to the upper limit, the N-channel MOSFET is turned off, and inductor
current begins to fall, the energy stored in inductor is transferred to the battery. When inductor current falls to the
HM4033



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com