Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U6046B-FP Datasheet(PDF) 2 Page - ATMEL Corporation

Part # U6046B-FP
Description  REAR WINDOW HEATING TIMER / LONG-TERM TIMER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6046B-FP Datasheet(HTML) 2 Page - ATMEL Corporation

  U6046B-FP Datasheet HTML 1Page - ATMEL Corporation U6046B-FP Datasheet HTML 2Page - ATMEL Corporation U6046B-FP Datasheet HTML 3Page - ATMEL Corporation U6046B-FP Datasheet HTML 4Page - ATMEL Corporation U6046B-FP Datasheet HTML 5Page - ATMEL Corporation U6046B-FP Datasheet HTML 6Page - ATMEL Corporation U6046B-FP Datasheet HTML 7Page - ATMEL Corporation U6046B-FP Datasheet HTML 8Page - ATMEL Corporation U6046B-FP Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
U6046B
4674A–AUTO–01/03
Pin Configuration
Figure 2. Pinning
Pin Description
Pin
Symbol
Function
1
GND
Reference point, ground
2
OUT
Relay control output
3
ON
Switch-on input
4
OFF
Switch-off input
5
TOGGLE
Toggle input
6
OSC
RC-oscillator input
7
VSTAB
Stabilized voltage
8
VS
Supply voltage
1
2
3
4
8
7
6
5
GND
OUT
ON
OFF
TOGGLE
OSC
VSTAB
VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com