Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25VE20C Datasheet(PDF) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25VE20C
Description  Uniform Sector Dual and Quad Serial Flash
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VE20C Datasheet(HTML) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VE20C Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VE20C
49
9.1. Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Product Number
Density
Package Type
Temperature
GD25VE20CPIG
2Mbit
DIP8 300mil
-40
℃ to +85℃
GD25VE20CTIG
2Mbit
SOP8 150mil
-40
℃ to +85℃
GD25VE20CSIG
2Mbit
SOP8 208mil
-40
℃ to +85℃
GD25VE20CEIG
2Mbit
USON8
(3*2mm, 0.45 thickness)
-40
℃ to +85℃
GD25VE20CNIG
2Mbit
USON8 (3*4mm)
-40
℃ to +85℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com