Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25VE16CSIG Datasheet(PDF) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25VE16CSIG
Description  Uniform Sector Dual and Quad Serial Flash
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VE16CSIG Datasheet(HTML) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VE16CSIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE16CSIG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE16CSIG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE16CSIG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE16CSIG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE16CSIG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE16CSIG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE16CSIG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE16CSIG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VE16C
56
10.8. Package USON8 (4*4mm, thickness 0.45mm)
D
E
Top View
D1
E1
L
b
e
Bottom View
c
A1
A
Side View
Dimensions
Symbol
A
A1
c
b
D
D1
E
e
L
Unit
mm
Min
0.40
0.00
0.10
0.25
3.90
2.20
3.90
0.80
0.35
Nom
0.45
0.02
0.15
0.30
4.00
2.30
4.00
0.40
Max
0.50
0.05
0.20
0.35
4.10
2.40
4.10
0.45
Note:
1. Both the package length and width do not include the mold flash.
2. The exposed metal pad area on the bottom of the package is floating.
3. Coplanarity ≤0.08mm. Package edge tolerance≤0.10mm.
4. The lead shape may be of little difference according to different package factories. These lead shapes
are compatible with each other



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com