Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25VE40CTIG Datasheet(PDF) 52 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25VE40CTIG
Description  Uniform Sector Dual and Quad Serial Flash
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VE40CTIG Datasheet(HTML) 52 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VE40CTIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CTIG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CTIG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CTIG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CTIG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CTIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CTIG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CTIG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CTIG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VE40C
52
10.3. Package DIP8 300MIL
Dimensions
Symbol
A1
A2
b
b1
C
D
E
E1
e
eB
L
Unit
mm
Min
0.38
3.00
1.27
0.38
0.20
9.05
7.62
6.12
7.62
3.04
Nom
0.72
3.25
1.46
0.46
0.28
9.32
7.94
6.38
2.54
8.49
3.30
Max
1.05
3.50
1.65
0.54
0.34
9.59
8.26
6.64
9.35
3.56
Inch
Min
0.015
0.118
0.05
0.015
0.008
0.356
0.300
0.242
0.333
0.12
Nom
0.028
0.128
0.058
0.018
0.011
0.367
0.313
0.252
0.1
0.345
0.13
Max
0.041
0.138
0.065
0.021
0.014
0.378
0.326
0.262
0.357
0.14
Note:Both package length and width do not include mold flash.
1
4
5
8
D
L
b
b1
e
A2
A1
C
eB
E
E1
R0.005xDP0.020
11°
11°
5°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com