Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25VE40CSIG Datasheet(PDF) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25VE40CSIG
Description  Uniform Sector Dual and Quad Serial Flash
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VE40CSIG Datasheet(HTML) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VE40CSIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CSIG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CSIG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CSIG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CSIG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CSIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CSIG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CSIG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CSIG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 55 / 55 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VE40C
55
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2016-08-30
1.1
Modify AC Characteristics: tCLH Min.4ns Change to 5ns.
Modify AC Characteristics: tCLL Min.4ns Change to 5ns.
Modify AC Characteristics: tDVCH Min. 2ns Change to 4ns.
Modify AC Characteristics: tCHDX Min. 2ns Change to 4ns.
Modify AC Characteristics: tCLQV Max.7ns Change to 8ns.
Modify AC Characteristics: tSE Typ.45ms Change to 50ms. Max.
150/300ms Change to 250/500ms.
Modify AC Characteristics:tBE1 Typ.150ms Change to 200ms, Max.
300/700ms Change to 500/1200ms.
Modify AC Characteristics:tBE2 Typ.250ms Change to 400ms, Max.
500/800ms Change to 700/2000ms.
Modify AC Characteristics: tCE Typ.2.5s Change to 3s, Max. 6.5s
Change to 8s
P45
P45
P46
P46
P46
P46
P46
P46
P46
2016-10-19
1.2
Modify SFDP
P41
2017-6-26
1.3
Modify Icc9 from 400-800uA to 0.6-1.2mA
Modify tw max. value from 30ms to 40ms
P44
P46
2017-8-8
1.4
Modify the description of SOP8 and USON8 packages
Add Packing Type: T or no mark: Tube
Delete tRST_P and tRST_R
Add tRST, of which the max. value is 30us
Modify Icc2 max. value from 1uA to 4uA
P50, 51, 53, 54
P48
P46
P46
P45
2017-12-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com