Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25VQ80C Datasheet(PDF) 45 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25VQ80C
Description  Uniform Sector Dual and Quad Serial Flash
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VQ80C Datasheet(HTML) 45 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VQ80C Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ80C Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ80C Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ80C Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ80C Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ80C Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ80C Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ80C Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ80C Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VQ80C
45
tSUS
CS# High To Next Command After Suspend
20
us
tW
Write Status Register Cycle Time
5
40
ms
tBP1
Byte Program Time( First Byte)
30
50
us
tBP2
Additional Byte Program Time ( After First Byte)
2.5
12
us
tPP
Page Programming Time
0.7
3.0
ms
tSE
Sector Erase Time(4K Bytes)
50
300
ms
tBE1
Block Erase Time(32K Bytes)
0.15
0.7
s
tBE2
Block Erase Time(64K Bytes)
0.25
1.2
s
tCE
Chip Erase Time(GD25VQ80C)
5
13
s
Note:
1.
Typical values given for TA=25°C.
2.
Value guaranteed by design and/or characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com