Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25WD80CSIG Datasheet(PDF) 46 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25WD80CSIG
Description  Uniform Sector Standard and Dual Serial Flash
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25WD80CSIG Datasheet(HTML) 46 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25WD80CSIG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CSIG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CSIG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CSIG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CSIG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CSIG Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CSIG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CSIG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CSIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25WD80C
46
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2018-1-17
1.1
Add 4BH command
Modify tVSL min value from 5ms to 0.3ms
Modify Icc4-8 max value from 15mA to 20mA
Add DC/AC characteristics @-40℃~105℃
Add DC/AC characteristics @-40℃~125℃
Modify Ordering Information
Add the package of USON8 1.5x1.5mm
P11
P24
P29
P27/31
P28/32
P36
P43
2018-8-15
1.2
Modify VWI max value from 1.5V to 1.55V
Modify Icc3 typ. value @100MHz from 13mA to 3mA
Modify Icc3 typ. value @80MHz from 12mA to 2.5mA
Modify Icc3 typ. value @40MHz from 3.5mA to 1.6mA
Modify Icc3 typ. value @16MHz from 2.2mA to 1.2mA
Modify Icc3 max. value @100MHz @-40℃ to 85℃ from 18mA
to 6mA
Modify Icc3 max. value @80MHz @-40℃ to 85℃ from 15mA to
4.5mA Add Icc3 @50MHz @-40℃-85℃ of 1.3~3.5mA
Modi
fy “L” (min) of USON8 1.5x1.5 package from 0.125mm to
0.15mm
P25
P27, 28, 29
P27, 28, 29
P27, 28, 29
P27, 28, 29
P27
P27
P27
P44
2019-4-30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com