Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25WD80CPIG Datasheet(PDF) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25WD80CPIG
Description  Uniform Sector Standard and Dual Serial Flash
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25WD80CPIG Datasheet(HTML) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25WD80CPIG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CPIG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CPIG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CPIG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CPIG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CPIG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CPIG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CPIG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CPIG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25WD80C
39
Temperature Range F: Industrial+ (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25WD80CTFG
8Mbit
SOP8 150mil
GD25WD80CSFG
8Mbit
SOP8 208mil
GD25WD80COFG
8Mbit
TSSOP8 173mil
GD25WD80CPFG
8Mbit
DIP8 300mil
GD25WD80CKFG
8Mbit
USON8 (1.5x1.5mm)
GD25WD80CEFG
8Mbit
USON8 (3x2mm, 0.45mm thickness)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com