Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4057DR Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4057DR
Description  Anti-reverse wiring lithium ion battery charging chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4057DR Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4057DR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4057DR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4057DR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4057DR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4057DR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4057DR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4057DR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4057DR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4057DR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
典型应用
图 1 应用电路(恒定电压充电4.2V)
R1 每调大1K电压就上升25MV
图 2 应用电路(利用外接电阻调整恒压充电电压)
在图 2 中,电池正极的恒压充电电压为:
Vbat = 0.025×R1
R1 的单位为 K
+4.2
0.2
R1
510
510
RPROG
C1
10uF
C2
10uF
LED
LED
BAT
VCC
VCC
CE
CHRG
STDBY
GND
PROG
FB
BAT
5
1
2
3
6
7
8
4
红
绿
=5V
0.2
510
510
RPROG
C1
10uF
C2
10uF
LED
LED
BAT
VCC
VCC
CE
CHRG
STDBY
GND
PROG
FB
BAT
5
1
2
3
6
7
8
4
红
绿
=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com