Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25WD40CPIG Datasheet(PDF) 47 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25WD40CPIG
Description  Uniform Sector Standard and Dual Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25WD40CPIG Datasheet(HTML) 47 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25WD40CPIG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD40CPIG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD40CPIG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD40CPIG Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD40CPIG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD40CPIG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD40CPIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD40CPIG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD40CPIG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25WD40C/20C
47
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
ALL
2017-6-20
1.1
Modify AC CHARACTERISTICS: fc,fR
P27
2017-6-29
1.2
Modify VWI in Table 5 from 1.4 to 1.5
Add Icc3 at 50MHz. Typ.= 6mA; Max. = 8mA
P24
P24
2017-7-10
1.3
Modify ID15-ID8 from 40 to 64
Add Transient Input/Output Voltage of “-2.0V to VCC+2.0V”
Modify tpp max. value from 4ms to 6ms
P13
P24
P27
2017-7-13
1.4
Modify Icc3 @50MHz from 6-8mA to 5-7mA
Modify Icc3 @40MHz from 6-8mA to 3.5-5mA
Add Icc3 @16MHz of 2.2-4mA
P26
P26
P26
2017-8-23
1.5
Modify the description of 60/C7H command: delete
“or all 1” at the end
of the last but one sentence.
Modify the description of ABH command: modify “figure 14” to “figure
15” at the end of 2nd sentence in 3rd paragraph.
Modify VCC from “-0.5 to 4.2” to “-0.6 to 4.2”.
Modify tw from 4-30ms to 5-40ms
Add Icc8 in DC CHARACTERISTICS, of which the max. value is 15mA.
Add tBP1 of 15-30us and tBP2 of 2.5-5us in AC CHARACTERISTICS.
Modify tCE of GD25WD40C from 5-10s to 6-15s.
Modify tCE of GD25WD20C from 2.5-6s to 3-7.5s.
Modify tBE(64K Bytes) max. value from 2.5s to 3s.
Classify fC and fR by power supply. fc max. values are 100MHz,
70HMz and 50MHz for 3.0-3.6V, 2.1-3.0V, 1.65-2.1V. fR max values
are 80MHz, 60MHz and 40MHz for 3.0-3.6V, 2.1-3.0V, 1.65-2.1V.
Add Icc3 @100MHz of 13-18mA and @80MHz of 12-15mA.
Modify tCLH and tCLL from 8ns to 4ns
Delete Icc3 @50MHz
Modify Icc4-Icc7 max value from 10mA to 15mA
P20
P21
P24
P27
P26
P27
P27
P27
P27
P27
P26
P27
P26
P26
2017-8-28
1.6
Modify tCLH and tCLL for 1.65
– 2.1V power supply from 4ns to 8ns
Update the description all packages
P27
P31-35
2017-12-25
1.7
Modify Icc1 max. value from 1uA to 2uA
Modify Icc2 max. value from 1uA to 2uA
Modify tBP1 from 15~30us to 40~97us
Modify tBP2 from 2.5~5us to 5~10us
Modify tVSL min value from 5ms to 0.5ms
Add “J” and “E” to 7th code of Ordering Information
P26
P26
P27
P27
P24
P29
2018-4-19
1.8
Add DC/AC characteristics @-40℃~105℃
Add DC/AC characteristics @-40℃~125℃
Modify Ordering Information
P27/31
P28/32
P35
2018-7-11
1.9
Modify VWI max value from 1.5V to 1.55V
Modify tVSL max value from 0.5ms to 0.3ms
P24
P24
2018-10-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com