Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25VE32CSMG Datasheet(PDF) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25VE32CSMG
Description  Uniform Sector Dual and Quad Serial Flash
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VE32CSMG Datasheet(HTML) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VE32CSMG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSMG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSMG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSMG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSMG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSMG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSMG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSMG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSMG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 63 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VE32C
55
10.2. Package VSOP8 208MIL
Dimensions
Symbol
A
A1
A2
b
D
E
E1
e
L
θ
Unit
mm
Min
0.05
0.75
0.35
5.18
7.70
5.18
0.50
0
Nom
0.10
0.80
0.42
5.28
7.90
5.28
1.27
0.65
Max
1.00
0.15
0.85
0.48
5.38
8.10
5.38
0.80
10
Inch
Min
0.002
0.030
0.014
0.204
0.303
0.204
0.020
0
Nom
0.004
0.032
0.016
0.206
0.311
0.206
0.050
0.026
Max
0.04
0.006
0.034
0.020
0.210
0.319
0.210
0.031
10
Note:
1. Both the package length and width do not include the mold flash.
2. Seating plane: Max. 0.1mm.
1
4
5
8
E1
E
D
A
A2
A1
e
b
L
L1
C
θ
Seating plane
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com