Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25WD40CKIG Datasheet(PDF) 38 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25WD40CKIG
Description  Uniform Sector Standard and Dual Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25WD40CKIG Datasheet(HTML) 38 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25WD40CKIG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD40CKIG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD40CKIG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD40CKIG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD40CKIG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD40CKIG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD40CKIG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD40CKIG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD40CKIG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25WD40C/20C
38
9.1.
Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40℃ to +85℃)
Product Number
Density
Package Type
GD25WD40CTIG
4Mbit
SOP8 150mil
GD25WD20CTIG
2Mbit
GD25WD40CSIG
4Mbit
SOP8 208mil
GD25WD20CSIG
2Mbit
GD25WD40COIG
4Mbit
TSSOP8 173mil
GD25WD20COIG
2Mbit
GD25WD40CPIG
4Mbit
DIP8 300mil
GD25WD20CPIG
2Mbit
GD25WD40CKIG
4Mbit
USON8 (1.5x1.5mm)
GD25WD20CKIG
2Mbit
GD25WD40CEIG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25WD20CEIG
2Mbit
GD25WD40CLIGR
4Mbit
WLCSP
Temperature Range J: Industrial (-40℃ to +105℃)
Product Number
Density
Package Type
GD25WD40CTJG
4Mbit
SOP8 150mil
GD25WD20CTJG
2Mbit
GD25WD40CSJG
4Mbit
SOP8 208mil
GD25WD20CSJG
2Mbit
GD25WD40COJG
4Mbit
TSSOP8 173mil
GD25WD20COJG
2Mbit
GD25WD40CPJG
4Mbit
DIP8 300mil
GD25WD20CPJG
2Mbit
GD25WD40CKJG
4Mbit
USON8 (1.5x1.5mm)
GD25WD20CKJG
2Mbit
GD25WD40CEJG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25WD20CEJG
2Mbit
GD25WD40CLJGR
4Mbit
WLCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com