Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25VE32CSMS Datasheet(PDF) 53 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25VE32CSMS
Description  Uniform Sector Dual and Quad Serial Flash
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VE32CSMS Datasheet(HTML) 53 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VE32CSMS Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSMS Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSMS Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSMS Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSMS Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSMS Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSMS Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSMS Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSMS Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VE32C
53
9.1.
Valid Part Numbers
Please contact Gigadevice regional sales for the latest product selection and available form factors.
Product Number
Density
Package Type
Temperature
GD25VE32CPIG
GD25VE32CPIS
32Mbit
DIP8 300mil
-40
℃ to +85℃
GD25VE32CTIG
GD25VE32CTIS
32Mbit
SOP8 150mil
-40
℃ to +85℃
GD25VE32CSIG
GD25VE32CSIS
32Mbit
SOP8 208mil
-40
℃ to +85℃
GD25VE32CVIG
GD25VE32CVIS
32Mbit
VSOP8 208mil
-40
℃ to +85℃
GD25VE32CWIG
GD25VE32CWIS
32Mbit
WSON8 (6*5mm)
-40
℃ to +85℃
GD25VE32CHIG
GD25VE32CHIS
32Mbit
USON8 (3*3mm)
-40
℃ to +85℃
GD25VE32CNIG
GD25VE32CNIS
32Mbit
USON8 (3*4mm)
-40
℃ to +85℃
GD25VE32CZIG
GD25VE32CZIS
32Mbit
TFBGA24 (6*4 Ball Array)
-40
℃ to +85℃
GD25VE32CBIG
GD25VE32CBIS
32Mbit
TFBGA24 (5*5 Ball Array)
-40
℃ to +85℃
GD25VE32CPMG
GD25VE32CPMS
32Mbit
DIP8 300mil
-40
℃ to +85℃
GD25VE32CTMG
GD25VE32CTMS
32Mbit
SOP8 150mil
-40
℃ to +85℃
GD25VE32CSMG
GD25VE32CSMS
32Mbit
SOP8 208mil
-40
℃ to +85℃
GD25VE32CVMG
GD25VE32CVMS
32Mbit
VSOP8 208mil
-40
℃ to +85℃
GD25VE32CWMG
GD25VE32CWMS
32Mbit
WSON8 (6*5mm)
-40
℃ to +85℃
GD25VE32CHMG
GD25VE32CHMS
32Mbit
USON8 (3*3mm)
-40
℃ to +85℃
GD25VE32CNMG
GD25VE32CNMS
32Mbit
USON8 (3*4mm)
-40
℃ to +85℃
GD25VE32CZMG
GD25VE32CZMS
32Mbit
TFBGA24 (6*4 Ball Array)
-40
℃ to +85℃
GD25VE32CBMG
GD25VE32CBMS
32Mbit
TFBGA24 (5*5 Ball Array)
-40
℃ to +85℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com