Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25WD80CSJG Datasheet(PDF) 33 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25WD80CSJG
Description  Uniform Sector Standard and Dual Serial Flash
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25WD80CSJG Datasheet(HTML) 33 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25WD80CSJG Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CSJG Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CSJG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CSJG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CSJG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CSJG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CSJG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CSJG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD80CSJG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25WD80C
33
tBE2
Block Erase Time (64K Bytes)
0.8
3.5
s
tCE
Chip Erase Time (GD25WD80C)
12
36
s
Note:
1.
Typical values given for TA=25°C VCC = 1.8V.
2.
Value guaranteed by design and/or characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com