Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4081 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4081
Description  Lithium battery charging control chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4081 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4081 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4081 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4081 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4081 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4081 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4081 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4081 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4081 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4081 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
管脚功能描述
HM4081A 引脚说明
管 脚名称
管 脚序号
I/O
管 脚功能描 述
GND
1
PWR
电池负极,电源地引脚
LED
2
O
双色 LED 驱动输出引脚
VDD
3
PWR
芯片电源正极引脚
DRC
4
O
充电输出控制引脚
VT
5
I
电池温度检测输入引脚
LV
6
I
电池欠压检测输入引脚
BAT
7
I
电池浮充电压检测输入引脚
CS
8
I
电池电流检测输入,电源负极引脚
HM4081B 引脚说明
管 脚名称
管 脚序号
I/O
管 脚功能描 述
GND
1
PWR
电池负极,电源地引脚
LED
2
O
双色 LED 驱动输出引脚
VDD
3
PWR
芯片电源正极引脚
COMP
4
I
补偿引脚
DRC
5
O
充电输出控制引脚
LV
6
I
电池欠压检测输入引脚
BAT
7
I
电池浮充电压检测输入引脚
CS
8
I
电池电流检测输入,电源负极引脚
选型指南
型
号
封 装形式
电 池温度检
测 输入引脚
补 偿引脚
短 路判断
电压
过 温电压
HM4081A
SOP 8
有
无
0.55V
0.35V
HM4081B
SOP 8
无
有
0.55V
无



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com