Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4085 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4085
Description  Switch type 2/3/4 lithium ion/lithium polymer charge management chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4085 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4085 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4085 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4085 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4085 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4085 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4085 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4085 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4085 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4085 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/11
6、HM4085 性能参数
表 6.1.1、HM4085 性能参数(Ta=25℃)
参数
符号
测试条件
最小
典型
最大
单位
输入电流
DCIN 供电电流
IDCIN
5
mA
VI(BAT)=8.4V
15
VI(BAT)=12.6V
30
SLEEP 模式电流
ISLP
VI(BAT)=16.8V
45
uA
电压调整
输出电压
VOREG
/
4.2
V/cell
输出电压精度
-0.5%
+0.5%
充电电流
恒流充电电流
ICHG
200
2000
mA
检流电阻 RSNS 两端电压
VIREG
VISETIN=4.2V
200
mV
预充电电流
2 节电池
6
V
3 节电池
9
预充电转快速充电阈值电压
VLOWV
4 节电池
12
V
预充电电流范围
IPRECHG
40
400
mA
充电截止电流
充电截止电流范围
ITERM
25
250
mA
截止电流系数
ITERM/ICHG
1/8
mV
再充电电压
再充电阈值电压
VRCH
4.1
V/cell
TIMER 输入
TIMER 系数
KTIMER
4.66
H/10nF
CTIMER 电容
CTIMER
10
nF
PWM
振荡频率
400
KHz
最大占空比
DMAX
98%
最小占空比
DMIN
1%
电池检测
时间错误时的电池检测电流
IDETECT
5
mA
放电电流
IDISCHARG
1
mA
放电时间
TDISCHARG
1
S
唤醒电流
IWAKE
5
mA
唤醒时间
TWAKE
0.5
S
保护
过压保护阈值
117
%VOREG
电流限值
3.5
A
HM4085



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com