Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4094 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4094
Description  Switch type multi-section multi-type lithium battery charging circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4094 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4094 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4094 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4094 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4094 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4094 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4094 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4094 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4094 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4094 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
___________________________________________________ 直流电特性
(如无特别说明,VIN=15V5%,TA = 25℃)
符号
参数
条件
最小值
典型值
最大值
单位
VIN
输入电源电压
6.8
28
V
ICC
输入电源电流
待机模式(充电终止)
0.75
1.5
mA
停 机 模 式 (
VIN<VBAT 或
VIN<VUV,或NTC接地)
35
uA
VFLOAT
稳定输出(浮充)电压
SEL接地
12.47
12.60
12.73
V
SEL接高,VIN=20V
16.63
16.80
16.97
V
VFB
SEL悬空
1.188
1.20
1.212
V
IBAT
BAT脚漏电流
VBAT=VFLOAT + 0.2V
10
15
uA
停 机 模 式 (
VIN<VBAT 或
VIN<VUV或NTC接地)
15
uA
ICHRG
快充充电电流
VBAT>VTRIKL,
RS=0.05ohm,电流模式
2.2
2.4
2.6
A
ITRIKL
涓流充电电流
VBAT<VTRIKL,
RS=0.05ohm,电流模式
550
mA
VTRIKL
涓流充电门限电压
VBAT上升(SEL接地)
8.4
V
VBAT上升,
VIN=20V(SEL接高)
11.2
V
VBAT上升(SEL悬空)
66
%VFB
VTRHYS
涓流充电迟滞电压
60
100
150
mV
VUV
VIN欠压闭锁门限
从
VIN低至高
7.2
V
VUV_HYS
VIN欠压闭锁迟滞
400
mV
VASD
VIN-VBAT闭锁门限电压
VIN从低至高
50
250
350
mV
VIN从高到低
20
150
250
mV
ITERM
充电终止电流门限
RS=0.05ohm
100
200
300
mA
VNCHRG
NCHRG引脚输出低电压
INCHRG=5mA
0.3
0.6
V
VNSTDBY
NSTDBY引脚输出低电平
INSTDBY=5mA
0.3
0.6
V
INTC
NTC脚电流
45
50
55
uA
VNTCH
NTC脚高端翻转电压
1.46
V
开关型多节多类型锂电池充电电路
HM4094



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com