Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4095 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4095
Description  Buck-Boost Charge Management IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4095 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4095 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4095 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4095 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4095 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4095 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4095 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4095 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4095 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
最大额定值
参数
范围
单
位
VIN,HDRV
-0.3~16
V
FB,CS,QCLED,COMP,CHRG,DONE,TEST,LDRV,CDM,VREG,CNDP
-0.3~5.5
V
工作温度
-20~85
℃
存贮温度
-55~155
℃
HMB ESD Level
4000
V
电气参数
Temp=25℃ VCC=12V
参数
符号
测试条件
最小
典型
最大
单位
输入参数
VCC 电压
VVCC
4.5
9
15
V
VCC 供电电流
IVCC
6
mA
FB 电压检测
输出恒压
VFB
1.8
V
再充电阈值电压
VRCH
1.735
V
预充电阈值电压
VLOWV
1.285
V
短路电压阈值
VSHORT
0.5
V
输出恒压精度
-0.5%
+0.5%
电流调整
检测电阻 RSNS 两端电
压
VIREG
快速充电
且 VCC<10V
60
mV
检测电阻 RSNS 两端电
压
VIREG
快速充电
且 VCC>10V
45
mV
预充电
预充电检测电阻 RSNS
两端电压
VIPRE
预充电
且 VCC<7V
10
mV
预充电检测电阻 RSNS
两端电压
VIPRE
预充电
且 VCC<10V
5
mV
HM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com