Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4523 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4523
Description  42V 3A CC/CV Step-Down DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4523 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4523 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4523 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4523 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4523 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4523 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4523 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4523 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4523 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Functional Description
CV/CC Loop Regulation
As seen in Functional Block Diagram, the
HM4523 is a
peak current mode pulse width modulation (PWM)
converter with CC and CV control. The converter
operates as follows:
A switching cycle starts when the rising edge of the
Oscillator clock output causes the High-Side Power
Switch to turn on and the Low-Side Power Switch to turn
off. With the SW side of the inductor now connected to
VIN, the inductor current ramps up to store energy in the
magnetic field. The inductor current level is measured by
the Current Sense Amplifier and added to the Oscillator
ramp signal. If the resulting summation is higher than the
COMP voltage, the output of the PWM Comparator goes
high. When this happens or when Oscillator clock output
goes low, the High-Side Power Switch turns off.
At this point, the SW side of the inductor swings to a
diode voltage below ground, causing the inductor current
to decrease and magnetic energy to be transferred to
output. This state continues until the cycle starts again.
The High-Side Power Switch is driven by logic using BS
as the positive rail. This pin is charged to VSW + 5V when
the Low-Side Power Switch turns on. The COMP voltage
is the integration of the error between FB input and the
internal 0.808V reference. If FB is lower than the
reference voltage, COMP tends to go higher to increase
current to the output. Output current will increase until it
reaches the CC limit set by the ISET resistor. At this
point, the device will transition from regulating output
voltage to regulating output current, and the output
voltage will drop with increasing load.
The Oscillator normally switches at 230kHz. However, if
FB voltage is less than 0.6V, then the switching
frequency decreases to 50kHz gradually.
Enable Pin
The
HM4523 has an enable input EN for turning the IC on
or off. The EN pin contains a precision 1.6V comparator
with 125mV hysteresis and a 10μA pull-up current source.
The comparator can be used with a resistor divider from
VIN to program a startup voltage higher than the normal
UVLO value. It can be used with a resistor divider from
VOUT to disable charging of a deeply discharged battery,
or it can be used with a resistor divider containing a
thermistor to provide a temperature-dependent shutoff
protection for over temperature battery. The thermistor
should be thermally coupled to the battery pack for this
usage.
If left floating, the EN pin will be pulled up to roughly 5V
by the internal 10μA current source. It can be driven from
standard logic signals greater than 1.6V, or driven with
open-drain logic to provide digital on/off control.
Thermal Shutdown
The
HM4523 disables switching when its junction
temperature exceeds 175°C and resumes when the
temperature has dropped by 40°C.
APPLICATIONS INFORMATION
Output Voltage Setting
Figure 4:
Output Voltage Setting
C
Vout
RFB1
RFB2
FB
Figure 4 shows the connections for setting the output
voltage. Select the proper ratio of the two feedback
resistors RFB1 and RFB2 based on the output voltage.
Adding a capacitor in parallel with RFB1 helps the system
stability. Typically, use RFB2 ≈10kΩ and determine RFB1
from the following equation:
1
808
.
0
2
1
V
V
R
R
OUT
FB
FB
CC Current Setting
HM4523 constant current value is set by a resistor
connected between the ISET pin and GND. The CC
output current is approximating linearly proportional to
the current flowing out of the ISET pin. The voltage at
ISET is roughly 1V and the current gain from ISET to
output is roughly 27500 (27.5mA/1μA). To determine the
proper resistor for a desired current, please refer to Figure
5 below.
Figure 5:
Curve for Programming Output CC Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
8
1012141618202224
RISET(kΩ)
Output Current vs RISET
VIN=24V,Vout=4V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com