Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40LT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAS40LT1
Description  SCHOTTKY BARRIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS40LT1 Datasheet(HTML) 1 Page - ON Semiconductor

  BAS40LT1 Datasheet HTML 1Page - ON Semiconductor BAS40LT1 Datasheet HTML 2Page - ON Semiconductor BAS40LT1 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 6
1
Publication Order Number:
BAS40LT1/D
BAS40LT1
Preferred Device
Schottky Barrier Diodes
These Schottky barrier diodes are designed for high speed switching
applications, circuit protection, and voltage clamping. Extremely low
forward voltage reduces conduction loss. Miniature surface mount
package is excellent for hand held and portable applications where
space is limited.
Features
• Pb−Free Package is Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
40
V
Forward Power Dissipation
@ TA = 25°C
Derate above 25
°C
PF
225
1.8
mW
mW/
°C
Operating Junction and Storage
Temperature Range
TJ, Tstg
− 55 to +150
°C
Forward Continuous Current
IF
120
mA
Forward Surge Current
t
v 1 s
t
v 10 ms
IFSM
200
600
mA
Thermal Resistance
Junction−to−Ambient
RqJA
508
(Note 1)
311
(Note 2)
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−4 @ minimum pad.
2. FR−4 @ 1.0 x 1.0 in pad.
http://onsemi.com
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping†
ORDERING INFORMATION
BAS40LT1
SOT−23
3000/Tape & Reel
SOT−23 (TO−236AB)
CASE 318
STYLE 8
40 VOLTS
SCHOTTKY BARRIER DIODES
MARKING DIAGRAM
1
2
3
3
CATHODE
1
ANODE
B1 M
G
G
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
BAS40LT1G
SOT−23
(Pb−Free)
3000/Tape & Reel
B1 = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or overbar may vary
depending upon manufacturing location.


Similar Part No. - BAS40LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAS40LT1 MOTOROLA-BAS40LT1 Datasheet
73Kb / 4P
CASE 318-08, STYLE 8 SOT-23 TO-236AB
logo
Leshan Radio Company
BAS40LT1 LRC-BAS40LT1 Datasheet
43Kb / 2P
Schottky Barrier Diode
logo
ON Semiconductor
BAS40LT1G ONSEMI-BAS40LT1G Datasheet
94Kb / 3P
Schottky Barrier Diodes
November, 2012 ??Rev. 10
BAS40LT1G ONSEMI-BAS40LT1G Datasheet
83Kb / 3P
Schottky Barrier Diodes
October, 2016 ??Rev. 11
BAS40LT1G ONSEMI-BAS40LT1G Datasheet
183Kb / 5P
Schottky Barrier Diodes
June, 2023 - Rev. 13
More results

Similar Description - BAS40LT1

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com