Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF7DS/E/827 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # CF7DS/E/827
Description  7 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

CF7DS/E/827 Datasheet(HTML) 1 Page - Satco Products, Inc.

  CF7DS/E/827 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S8362
CF7DS/E/827
7 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7
base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S8362
Item Number
Product Line
UPC
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S8362
HyGrade
045923083624
7
T4
2G7
2G7
CF7DS/E/827
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
4-1/2''
400
15000
2700
Warm White
50
Box
82
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
Lawful for sale in California
4.0 mg
Yes
Yes
2 Year Limited


Similar Part No. - CF7DS/E/827

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
CF7DS/E/827 SATCO-CF7DS/E/827 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
More results

Similar Description - CF7DS/E/827

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S6412 SATCO-S6412 Datasheet
124Kb / 1P
5 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
S6413 SATCO-S6413 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
S6414 SATCO-S6414 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
S6415 SATCO-S6415 Datasheet
123Kb / 1P
9 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
S6416 SATCO-S6416 Datasheet
123Kb / 1P
9 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
S6702 SATCO-S6702 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
S8360 SATCO-S8360 Datasheet
123Kb / 1P
5 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
S8363 SATCO-S8363 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
S8364 SATCO-S8364 Datasheet
122Kb / 1P
9 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
S8365 SATCO-S8365 Datasheet
122Kb / 1P
9 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com