Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFS13W/830 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # CFS13W/830
Description  13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX23 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

CFS13W/830 Datasheet(HTML) 1 Page - Satco Products, Inc.

  CFS13W/830 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S8380
CFS13W/830
13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX23
base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S8380
Item Number
Product Line
UPC
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S8380
HyGrade
045923083808
13
T4
GX23
GX23
CFS13W/830
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
7.1''
800
10000
3000
Warm White
50
Hang Box
82
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
Lawful for sale in California
4.0 mg
Yes
Yes
2 Year Limited


Similar Part No. - CFS13W/830

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
CFS13W/835 SATCO-CFS13W/835 Datasheet
122Kb / 1P
13 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; GX23 base
More results

Similar Description - CFS13W/830

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S6710 SATCO-S6710 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; GX23 base
S6712 SATCO-S6712 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; GX23 base
S6713 SATCO-S6713 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; GX23 base
S6718 SATCO-S6718 Datasheet
124Kb / 1P
13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX23-2 base
S6719 SATCO-S6719 Datasheet
124Kb / 1P
13 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; GX23-2 base
S6780 SATCO-S6780 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX23 base
S8310 SATCO-S8310 Datasheet
122Kb / 1P
13 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; GX23 base
S8311 SATCO-S8311 Datasheet
122Kb / 1P
13 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; GX23 base
S8313 SATCO-S8313 Datasheet
122Kb / 1P
13 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; GX23 base
S8318 SATCO-S8318 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX23-2 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com