Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DH72025 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DH72025
Description  TUNING VARACTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DH72025 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  DH72025 Datasheet HTML 1Page - List of Unclassifed Manufacturers DH72025 Datasheet HTML 2Page - List of Unclassifed Manufacturers DH72025 Datasheet HTML 3Page - List of Unclassifed Manufacturers DH72025 Datasheet HTML 4Page - List of Unclassifed Manufacturers DH72025 Datasheet HTML 5Page - List of Unclassifed Manufacturers DH72025 Datasheet HTML 6Page - List of Unclassifed Manufacturers DH72025 Datasheet HTML 7Page - List of Unclassifed Manufacturers DH72025 Datasheet HTML 8Page - List of Unclassifed Manufacturers DH72025 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1-37
SALES OFFICES: VISIT OUR WEB SITE AT
http://www.temex.net
TUNING VARACTOR
Plastic package, Surface Mount hyperabrupt tuning varactor
Typical junction capacitance versus reverse voltage
VR (V)
0.10
1.00
0.1
0.01
100
100.00
Profils in Cj
76010
76015
76022
76033
76047
76068
76100
76150
10
10.00
0.1
1
10
V (V)
1
100
DH77150
DH77033
DH77047
DH77068
DH77100
10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com