Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4618SP Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4618SP
Description  Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4618SP Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4618SP Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4618SP Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4618SP Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4618SP Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4618SP Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4618SP Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (TA=25℃unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Static Parameters
BVSSS
Source to Source Breakdown Voltage
IS=1mA, VGS=0V, Test Circuit 1
20
-
-
V
ISSS
Zero- Gate Voltage Source Current
VSS=20V, VGS=0V, Test Circuit 1
-
-
1
μA
IGSS
Gate to Source Leakage Current
VSS=0V, VGS= ±8V, Test Circuit 2
-
-
±1
μA
VGS(off)
Cutoff Voltage
VSS=10V, IS=1mA, Test Circuit 3
0.5
0.7
1.3
V
|ygFS|
Forward Transfer Admittance
VSS=10V,IS=3A, Test Circuit 4
6.5
-
-
S
VGS=4.5V,IS=3A, Test Circuit 5
13.6
16
mΩ
VGS=4.0V,IS=3A, Test Circuit 5
14
18
mΩ
VGS=3.7V,IS=3A, Test Circuit 5
14.2
20
mΩ
VGS=3.1V,IS=3A, Test Circuit 5
15.1
23
mΩ
RSS(on)
Static Source to Source
On-Resistance
VGS=2.5V,IS=3A, Test Circuit 5
16.6
25
mΩ
td(on)
Turn-on Delay Time
-
15
-
nS
tr
Turn-on Rise Time
-
50
-
nS
td(off)
Turn-Off Delay Time
-
40
-
nS
tf
Turn-Off Fall Time
VSS=10V,IS=3A VGS=4.5V
Test Circuit 7
-
55
-
nS
Qg
Total Gate Charge
VSS=10V,IS=6A,VGS=4.5V
Test Circuit 8
-
25.4
-
nC
VF(S-S)
Diode Forward Voltage
VGS=0V,IS=6A
-
-
1.2
V
HM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com