Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5152 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5152
Description  Single-cell lithium battery synchronous switch step-down charging IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5152 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5152 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5152 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5152 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5152 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5152 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5152 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5152 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5152 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5152 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PMOS 导通电阻
rDSON
30
35
40
mΩ
NMOS 导通电阻
25
30
35
mΩ
电池输入待机电流
ISTB
VIN =0V,VBAT =3.7V
30
40
50
uA
LED 显示驱动电流
IL1
IL2
IL3
3
5
10
mA
热关断温度
TOTP
上升温度
110
135
150
℃
热关断恢复温度
TOTP
下降温度
70
85
100
℃



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com