Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5155 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5155
Description  1.2A anti-reverse wiring lithium-ion battery charging chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5155 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5155 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5155 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5155 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5155 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5155 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5155 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5155 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5155 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5155 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
典型性能特征
4.185
4.190
4.195
4.200
4.205
4.210
4.215
4.220
4.225
4.230
4.0
4.5
5.0
5.5
6.0
6.5
VCC (V)
RPROG=10k
TA=25℃
0
100
200
300
400
500
600
4.04.5
5.05.56.0
6.57.0
VCC (V)
RPROG=2k
RPROG=10k
VBAT=4V
TA=25℃
ONSET OF
THERMAL
REGULATION
0
10
20
30
40
50
60
70
4.04.55.05.56.06.5
7.0
VCC (V)
RPROG=2k
VBAT=2.5V
TA=25℃
RPROG=10k
4.185
4.190
4.195
4.200
4.205
4.210
4.215
20
40
60
80
100
120
Temperature (
℃)
稳定输出(浮充)电压与电压关系曲线
充电电流与电压关系曲线
(涓流)充电电流与电源电压关系曲线
稳定输出(浮充)电压与温度关系曲线
HM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com