Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5202 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5202
Description  Dual High-Efficiency PWM Step-Down DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5202 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5202 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TYPICAL PERFORMANCE CHARACTERISTICS
Vin=5V, Vout=1.8V
70.00%
75.00%
80.00%
85.00%
90.00%
95.00%
50
100
150
200
300
400
500
600
800
1000 1200 1400
Effi--3.3V output
70.00
75.00
80.00
85.00
90.00
95.00
100.00
0.9
1.4
9.6
49.5
99.9
300.8
500.8
750.1
1000.0 1202.1 1301.8
3.8
4.2
5
load VS output
3.2050
3.2100
3.2150
3.2200
3.2250
3.8
4.2
5
TEMPERATURE (C)
Oscillator Frequency vs Temperature
-48 -32 -16
0
16
32
48
64
80
96
1.200
1.300
1.400
1.500
1.600
1.700
1.800
PFM MODE
4
LX
HM5202



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com